| データシートサーチシステム |
|
ST62E03LMC/CCCE データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03LMC/CCCE データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 47/96 8-BIT TIMER (Cont’d) 9.2.6 Register Description PRESCALER COUNTER REGISTER (PSCR) Address: 0D2h - Read/Write Reset Value: 0111 1111 (7Fh) Bit 7 = PSCR7: Not used, always read as “0”. Bits 6:0 = PSCR[6:0] Prescaler LSB. TIMER COUNTER REGISTER (TCR) Address: 0D3h - Read / Write Reset Value: 1111 1111 (FFh) Bits 7:0 = TCR[7:0] Timer counter bits. TIMER STATUS CONTROL REGISTER (TSCR) Address: 0D4h - Read/Write Reset Value: 0000 0000 (00h) Bit 7 = TMZ Timer Zero bit. A low-to-high transition indicates that the timer count register has underflowed. It means that the TCR value has changed from 00h to FFh. This bit must be cleared by user software. 0: Counter has not underflowed 1: Counter underflow occurred Bit 6 = ETI Enable Timer Interrupt. When set, enables the timer interrupt request. If ETI=0 the timer interrupt is disabled. If ETI=1 and TMZ=1 an interrupt request is generated. 0: Interrupt disabled (reset state) 1: Interrupt enabled Bit 5 = TSCR5 Reserved, must be set. Bit 4 = TSCR4 Reserved, must be cleared. Bit 3 = PSI: Prescaler Initialize bit. Used to initialize the prescaler and inhibit its count- ing. When PSI=“0” the prescaler is set to 7Fh and the counter is inhibited. When PSI=“1” the prescal- er is enabled to count downwards. As long as PSE=“1” both counter and prescaler are not run- ning 0: Counting disabled 1: Counting enabled Bits 1:0 = PS[2:0] Prescaler Mux. Select. These bits select the division ratio of the prescaler register. Table 12. Prescaler Division Factors Table 13. 8-Bit Timer Register Map and Reset Values 7 0 PSCR 7 PSCR 6 PSCR 5 PSCR 4 PSCR 3 PSCR 2 PSCR 1 PSCR 0 7 0 TCR7 TCR6 TCR5 TCR4 TCR3 TCR2 TCR1 TCR0 7 0 TMZ ETI TSCR5 TSCR4 PSI PS2 PS1 PS0 PS2 PS1 PS0 Divided by 0 0 0 1 0 0 1 2 0 1 0 4 0 1 1 8 1 0 0 16 1 0 1 32 1 1 0 64 1 1 1 128 Address (Hex.) Register Label 7 6 5 4 3 2 1 0 0D2h PSCR Reset Value PSCR7 0 PSCR6 1 PSCR5 1 PSCR4 1 PSCR3 1 PSCR2 1 PSCR1 1 PSCR0 1 0D3h TCR Reset Value TCR7 1 TCR6 1 TCR5 1 TCR4 1 TCR3 1 TCR2 1 TCR1 1 TCR0 1 0D4h TSCR Reset Value TMZ 0 ETI 0 TSCR5 0 TSCR4 0 PSI 0 PS2 0 PS1 0 PS0 0 1 |