| データシートサーチシステム |
|
ST62E03LMC/CCCE データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03LMC/CCCE データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 84/96 11.11 8-BIT ADC CHARACTERISTICS Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Notes: 1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V. 2. The ADC refers to VDD and VSS. 3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k Ω). Data based on characterization results, not tested in production. 4. As a stabilization time for the AD converter is required, the first conversion after the enable can be wrong. Figure 66. Typical Application with ADC Note: ADC not present on some devices. See device summary on page 1. Symbol Parameter Conditions Min Typ 1) Max Unit fOSC Clock frequency 1.2 fOSC MHz VAIN Conversion range voltage 2) VSS VDD V RAIN External input resistor 10 3) k Ω tADC Total convertion time fOSC=8MHz fOSC=4MHz 70 140 µs tSTAB Stabilization time 4) 2 4 tCPU fOSC=8MHz 3.25 6.5 µs ADI Analog input current during conver- sion 1.0 µA ACIN Analog input capacitance 2 5 pF AINx ST62XX VAIN RAIN 10pF ADC 10M Ω r ≈ 150Ω 1 |