| データシートサーチシステム |
|
STPCI2HEYC データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCI2HEYC データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 111 page ![]() ELECTRICAL SPECIFICATIONS 62/111 Issue 1.0 - July 24, 2002 4.5.8 PCMCIA INTERFACE Table 4-17 lists the AC characteristics of the PCMCIA interface. Table 4-17. PCMCIA Interface AC Timing Name Parameters Min Max Units t27 Input setup to ISACLK2X 24 nS t28 Input hold from ISACLK2X 5 nS t29 ISACLK2X to IORD - 55 nS t30 ISACLK2X to IORW - 55 nS t31 ISACLK2X to AD[25:0] - 25 nS t32 ISACLK2X to OE# 2 55 nS t33 ISACLK2X to WE# 2 55 nS t34 ISACLK2X to DATA[15:0] 0 35 nS t35 ISACLK2X to INPACK 2 55 nS t36 ISACLK2X to CE1# 7 65 nS t37 ISACLK2X to CE2# 7 65 nS t38 ISACLK2X to RESET 2 55 nS |