データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPCI2HEYC データシート(PDF) 71 Page - STMicroelectronics

部品番号 STPCI2HEYC
部品情報  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2HEYC データシート(HTML) 71 Page - STMicroelectronics

Back Button STPCI2HEYC Datasheet HTML 67Page - STMicroelectronics STPCI2HEYC Datasheet HTML 68Page - STMicroelectronics STPCI2HEYC Datasheet HTML 69Page - STMicroelectronics STPCI2HEYC Datasheet HTML 70Page - STMicroelectronics STPCI2HEYC Datasheet HTML 71Page - STMicroelectronics STPCI2HEYC Datasheet HTML 72Page - STMicroelectronics STPCI2HEYC Datasheet HTML 73Page - STMicroelectronics STPCI2HEYC Datasheet HTML 74Page - STMicroelectronics STPCI2HEYC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
MECHANICAL DATA
Issue 1.0 - July 24, 2002
71/111
Figure 5-3. 516-pin PBGA Package - Dimensions
Table 5-2. 516-pin PBGA Package - Dimensions
Symbols
mm
inches
Min
Typ
Max
Min
Typ
Max
A
0.50
0.56
0.62
0.020
0.022
0.024
B
1.12
1.17
1.22
0.044
0.046
0.048
C
0.60
0.76
0.92
0.024
0.030
0.036
D
0.52
0.53
0.54
0.020
0.021
0.022
E
0.63
0.78
0.93
0.025
0.031
0.037
F
0.60
0.63
0.66
0.024
0.025
0.026
G
30.0
11.8
A
B
C
Solderball
Solderball after collapse
D
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More