| データシートサーチシステム |
|
STPCI2HEYC データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCI2HEYC データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 111 page ![]() DESIGN GUIDELINES Issue 1.0 - July 24, 2002 75/111 6. DESIGN GUIDELINES 6.1. TYPICAL APPLICATIONS The STPC Atlas is well suited for many applications. Some of the possible implementations are described below. 6.1.1. THIN CLIENT A Thin-Client is a terminal running ICATM (Citrix) or RDP TM (Microsoft) protocol. The display is computed by the server and sent in a compressed way to the terminal for display. The same streaming approach is used for sending the keyboard/mouse/USB data to the server. These protocols have room for dedicated data channels in case the terminal is not ’thin’ and can execute locally some applications, hence optimizing the bandwidth usage. For example, if a terminal has browsing or MPEG decoding capability, the server will provide internet source files or MPEG streaming. The same hardware can run X-terminal protocol and can be reconfigured by the server when booting on the network by uploading a different OS and application. Figure 6-1. Thin-Client - Block Diagram STPC TFT ATLAS SDRAM 64 FLASH LAN AUDIO Kbd / Mouse USB IEEE1284 16 PCI IDE / PCI VGA MPEG DECODER CCIR |