| データシートサーチシステム |
|
STCF03I データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03I データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 33 page ![]() Pin configuration STCF03I 8/33 3 Pin configuration Figure 2. Pin connections (bottom view) Table 2. Pin description Pin n° Symbol Description E1,D2 VLX2 Inductor connection B3 RX Rx resistor connection D1,C2 VOUT Output voltage A4 NTC NTC resistor connection B5 FB1 Feedback pin [ILED*(RFL+RTR)] A5 FB2 RTR bypass B4 FB2S Feedback pin [ILED*RFL] E2 GND Signal ground C5 TMSK TX mask input. D5 AUXL Auxiliary LED output D4 ADD I²C address selection A3 VBAT Supply voltage B1,C1 PVBAT Power supply voltage A2 VLX1A Inductor connection A1,B2 VLX1B Inductor connection E4 ATN Attention (open drain output, active LOW) E3 SDA I²C data C3,D3 PGND Power ground E5 SCL I²C clock signal C4 TRIG Flash trigger input |