データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCF03I データシート(PDF) 11 Page - STMicroelectronics

部品番号 STCF03I
部品情報  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I データシート(HTML) 11 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 7Page - STMicroelectronics STCF03I Datasheet HTML 8Page - STMicroelectronics STCF03I Datasheet HTML 9Page - STMicroelectronics STCF03I Datasheet HTML 10Page - STMicroelectronics STCF03I Datasheet HTML 11Page - STMicroelectronics STCF03I Datasheet HTML 12Page - STMicroelectronics STCF03I Datasheet HTML 13Page - STMicroelectronics STCF03I Datasheet HTML 14Page - STMicroelectronics STCF03I Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Electrical characteristics
STCF03I
11/33
6
Electrical characteristics
Table 6.
Electrical characteristics
(TJ = 25°C, VI = 3.6 V, 2xCI = 10 µF, CO = 1 µF, L = 4.7 µH, RFL = 0.27 Ω, RTR = 1.8 Ω, RX
= 15 k
Ω, Typ. values @25°C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VI
Input operation supply voltage
2.7
5.5
V
VPW_ON
RESET
Power ON reset threshold
VI rising
2.3
V
IO
Output current adjustment
range IFLASH
Flash mode for VI = 3.3 V to 5.5 V
60
800
mA
Flash mode for VI = 2.7 V to 3.3 V
60
600
Output current adjustment
range ITORCH
Torch mode VI = 2.7 V to 5.5 V
15
200
Auxiliary LED output current
adjustment range IAUXLED
Ready mode, VI = 3.3 V to 5.5 V
0
20
VO
Regulated voltage range
2.5
5.3
V
FB1
Feedback voltage
Torch mode
30
250
mV
FB2
Feedback voltage
Flash mode
30
250
mV
ΔIO
Output current tolerance
Flash mode, IO = 160 mV/RFL
-10
10
%
RON_
FB1-FB2 ON resistance
Torch mode, IO = 200 mA
90
m
Ω
IQ
Quiescent current in
SHUTDOWN mode
1µA
Quiescent current in
Ready -mode
1.8
mA
fs
Frequency
VI = 2.7 V
1.8
MHz
ν
Efficiency of the chip itself
VI = 3.2 to 4.2 V, flash mode,
IO = 800 mA
87
%
Efficiency of the whole
application
VI = 3.2 to 4.2 V, flash mode,
IO = 800 mA, VO=VfLED_max + VFB2 =
5.02 V
See the typical application schematic
It is included losses of inductor and
sensing resistor
76
OVP
Output over voltage protection VI = 5.5 V, No Load
5.5
V
OVHYST
Over voltage hysteresis
VI = 5.5 V, No Load
0.3
V
OTP
Over temperature protection
VI = 5.5 V
140
°C
OTHYST
Over temperature hysteresis
VI = 5.5 V
20
°C
RONT1
RX-NTC switch On resistance
Ready mode
25
Ω
NTCLEAK RX-NTC switch OFF leakage
Shutdown mode, VNTC = 2 V
VRX = GND
1µA
NTC_REF NTC reference voltage
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33