データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCF03I データシート(PDF) 12 Page - STMicroelectronics

部品番号 STCF03I
部品情報  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I データシート(HTML) 12 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 8Page - STMicroelectronics STCF03I Datasheet HTML 9Page - STMicroelectronics STCF03I Datasheet HTML 10Page - STMicroelectronics STCF03I Datasheet HTML 11Page - STMicroelectronics STCF03I Datasheet HTML 12Page - STMicroelectronics STCF03I Datasheet HTML 13Page - STMicroelectronics STCF03I Datasheet HTML 14Page - STMicroelectronics STCF03I Datasheet HTML 15Page - STMicroelectronics STCF03I Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical characteristics
STCF03I
12/33
Note:
Typical value, not production tested.
VOL
Output logic signal level low
ATN
IOL = 10 mA
0.2
V
IOZ
Output logic leakage current
ATN
VOZ = 3.3 V
1
mA
VIL
Input Logic signal level SCL,
SDA, TRIG, TEST, ADD
VI = 2.7 V to 5.5 V
00.4
V
VIH
1.4
3
TON
LED current rise time
ILED = 0 to ILED = max
2ms
Table 6.
Electrical characteristics (continued)
(TJ = 25°C, VI = 3.6 V, 2xCI = 10 µF, CO = 1 µF, L = 4.7 µH, RFL = 0.27 Ω, RTR = 1.8 Ω, RX
= 15 k
Ω, Typ. values @25°C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33