| データシートサーチシステム |
|
R8C2K データシート(PDF) 412 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 412 Page - Renesas Technology Corp |
|
412 / 471 page ![]() R8C/2K Group, R8C/2L Group 20. Flash Memory Rev.1.10 Dec 21, 2007 Page 395 of 450 REJ09B0406-0110 20.6 Parallel I/O Mode Parallel I/O mode is used to input and output software commands, addresses and data necessary to control (read, program, and erase) the on-chip flash memory. Use a parallel programmer which supports this MCU. Contact the manufacturer of the parallel programmer for more information, and refer to the user’s manual of the parallel programmer for details on how to use it. ROM areas shown in Figures 20.1 and 20.2 can be rewritten in parallel I/O mode. 20.6.1 ROM Code Protect Function The ROM code protect function disables the reading and rewriting of the flash memory. (Refer to the 20.3.2 ROM Code Protect Function.) |