| データシートサーチシステム |
|
R8C2K データシート(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 63 Page - Renesas Technology Corp |
|
63 / 471 page ![]() R8C/2K Group, R8C/2L Group 7. Programmable I/O Ports Rev.1.10 Dec 21, 2007 Page 46 of 450 REJ09B0406-0110 7.2 Effect on Peripheral Functions Programmable I/O ports function as I/O ports for peripheral functions (Refer to Table 1.7 Pin Name Information by Pin Number). Table 7.3 lists the Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 0 to 4, j = 0 to 7). Refer to the description of each function for information on how to set peripheral functions. 7.3 Pins Other than Programmable I/O Ports Figure 7.7 shows the Configuration of I/O Pins. Table 7.3 Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 0 to 4, j = 0 to 7) I/O of Peripheral Functions PDi_j Bit Settings for Shared Pin Functions Input Set this bit to 0 (input mode). Output This bit can be set to either 0 or 1 (output regardless of the port setting) |