| データシートサーチシステム |
|
R8C2K データシート(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 65 Page - Renesas Technology Corp |
|
65 / 471 page ![]() R8C/2K Group, R8C/2L Group 7. Programmable I/O Ports Rev.1.10 Dec 21, 2007 Page 48 of 450 REJ09B0406-0110 Figure 7.2 Configuration of Programmable I/O Ports (2) P1_5 and P1_7 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Output from individual peripheral function INT1 input Digital filter P1_4 Direction register 1 Data bus Pull-up selection Output from individual peripheral function Port latch P1_0 to P1_3 Direction register 1 Output from individual peripheral function Analog input Port latch Data bus Pull-up selection Input to individual peripheral function NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) Port latch |