| データシートサーチシステム |
|
R8C2K データシート(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 69 Page - Renesas Technology Corp |
|
69 / 471 page ![]() R8C/2K Group, R8C/2L Group 7. Programmable I/O Ports Rev.1.10 Dec 21, 2007 Page 52 of 450 REJ09B0406-0110 Figure 7.6 Configuration of Programmable I/O Ports (6) P4_6/XIN Data bus Clocked inverter(2) P4_7/XOUT Data bus (Note 3) (Note 4) NOTES: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. 2. When CM05 = 1, CM10 = 1, or CM13 = 0, the clocked inverter is cut off. 3. When CM10 = 1 or CM13 = 0, the feedback resistor is disconnected. 4. When CM05 = CM13 = 1 or CM10 = CM13 = 1, this pin is pulled up. (Note 1) (Note 1) (Note 1) (Note 1) |