| データシートサーチシステム |
|
R8C2K データシート(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 101 Page - Renesas Technology Corp |
|
101 / 471 page ![]() R8C/2K Group, R8C/2L Group 10. Clock Generation Circuit Rev.1.10 Dec 21, 2007 Page 84 of 450 REJ09B0406-0110 10.4 Power Control There are three power control modes. All modes other than wait mode and stop mode are referred to as standard operating mode. 10.4.1 Standard Operating Mode Standard operating mode is further separated into four modes. In standard operating mode, the CPU clock and the peripheral function clock are supplied to operate the CPU and the peripheral function clocks. Power consumption control is enabled by controlling the CPU clock frequency. The higher the CPU clock frequency, the more processing power increases. The lower the CPU clock frequency, the more power consumption decreases. When unnecessary oscillator circuits stop, power consumption is further reduced. Before the clock sources for the CPU clock can be switched over, the new clock source needs to be oscillating and stable. If the new clock source is the XIN clock, allow sufficient wait time in a program until oscillation is stabilized before exiting. −: can be 0 or 1, no change in outcome Table 10.2 Settings and Modes of Clock Associated Bits Modes OCD Register CM1 Register CM0 Register FRA0 Register OCD2 CM17, CM16 CM14 CM13 CM06 CM05 FRA01 FRA00 High-speed clock mode No division 0 00b − 10 0 −− Divide-by-2 0 01b − 10 0 −− Divide-by-4 0 10b − 10 0 −− Divide-by-8 0 −− 11 0 −− Divide-by-16 0 11b − 10 0 −− High-speed on-chip oscillator mode No division 1 00b −− 0 − 11 Divide-by-2 1 01b −− 0 − 11 Divide-by-4 1 10b −− 0 − 11 Divide-by-8 1 −− − 1 − 11 Divide-by-16 1 11b −− 0 − 11 Low-speed on-chip oscillator mode No division 1 00b 0 − 0 − 0 − Divide-by-2 1 01b 0 − 0 − 0 − Divide-by-4 1 10b 0 − 0 − 0 − Divide-by-8 1 − 0 − 1 − 0 − Divide-by-16 1 11b 0 − 0 − 0 − |