| データシートサーチシステム |
|
R8C2K データシート(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 114 Page - Renesas Technology Corp |
|
114 / 471 page ![]() R8C/2K Group, R8C/2L Group 12. Interrupts Rev.1.10 Dec 21, 2007 Page 97 of 450 REJ09B0406-0110 12. Interrupts 12.1 Interrupt Overview 12.1.1 Types of Interrupts Figure 12.1 shows the types of Interrupts. Figure 12.1 Interrupts • Maskable Interrupts: The interrupt enable flag (I flag) enables or disables these interrupts. The interrupt priority order can be changed based on the interrupt priority level. • Non-Maskable Interrupts: The interrupt enable flag (I flag) does not enable or disable these interrupts. The interrupt priority order cannot be changed based on interrupt priority level. Interrupts (non-maskable interrupts) Hardware Software (non-maskable interrupts) (maskable interrupts) Special Peripheral functions(1) Undefined instruction (UND instruction) Overflow (INTO instruction) BRK instruction INT instruction Watchdog timer Oscillation stop detection Voltage monitor 1 Voltage monitor 2 Single step(2) Address break(2) Address match NOTES: 1. Peripheral function interrupts in the MCU are used to generate peripheral interrupts. 2. Do not use this interrupt. This is for use with development tools only. |