| データシートサーチシステム |
|
R8C2K データシート(PDF) 127 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 127 Page - Renesas Technology Corp |
|
127 / 471 page ![]() R8C/2K Group, R8C/2L Group 12. Interrupts Rev.1.10 Dec 21, 2007 Page 110 of 450 REJ09B0406-0110 12.1.6.10 Interrupt Priority Judgement Circuit The interrupt priority judgement circuit selects the highest priority interrupt, as shown in Figure 12.11. Figure 12.11 Interrupt Priority Level Judgement Circuit UART2 receive Timer RD0 Key input Lowest Highest Priority of peripheral function interrupts (if priority levels are same) Interrupt request level judgment output signal Interrupt request acknowledged I flag Address match Watchdog timer Oscillation stop detection Voltage monitor 1 IPL UART2 transmit Timer RD1 INT1 UART0 receive INT3 Timer RB Timer RA Priority level of interrupt Level 0 (default value) Voltage monitor 2 Timer RC A/D conversion UART0 transmit INT0 |