| データシートサーチシステム |
|
R8C2K データシート(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 225 Page - Renesas Technology Corp |
|
225 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 208 of 450 REJ09B0406-0110 16.3.7 PWM2 Mode This mode outputs a single PWM waveform. After a given wait duration has elapsed following the trigger, the pin output switches to active level. Then, after a given duration, the output switches back to inactive level. Furthermore, the counter stops at the same time the output returns to inactive level, making it possible to use PWM2 mode to output a programmable wait one-shot waveform. Since timer RC uses multiple general registers in PWM2 mode, other modes cannot be used in conjunction with it. Figure 16.57 shows a Block Diagram of PWM2 Mode, Table 16.22 lists the Specifications of PWM2 Mode, Figure 16.58 shows the register associated with PWM2 mode, Table 16.23 lists the Functions of TRCGRj Register in PWM2 Mode, and Figures 16.59 to 16.61 show Operating Examples of PWM2 Mode. Figure 16.57 Block Diagram of PWM2 Mode TRCTRG Input control TRCIOB Output control Comparator TRCGRA TRC TRCGRD register Compare match signal Comparator TRCGRB Comparator TRCGRC NOTE: 1. The BFD bit in the TRCMR register is set to 1 (the TRCGRD register functions as the buffer register for the TRCGRB register). Count clear signal Trigger signal (Note 1) |