| データシートサーチシステム |
|
R8C2K データシート(PDF) 247 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 247 Page - Renesas Technology Corp |
|
247 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 230 of 450 REJ09B0406-0110 Figure 16.71 TRDPMR Register in Input Capture Function Timer RD PWM Mode Register Symbol Address After Reset TRDPMR 0139h 10001000b Bit Symbol Bit Name Function RW — (b7) — PWMB1 PWMC1 RW Nothing is assigned. If necessary, set to 0. When read, the content is 1. PWM mode of TRDIOC1 select bit Set to 0 (timer mode) in the input capture function. PWMD1 PWM mode of TRDIOD1 select bit — PWM mode of TRDIOB1 select bit Set to 0 (timer mode) in the input capture function. RW RW Nothing is assigned. If necessary, set to 0. When read, the content is 1. Set to 0 (timer mode) in the input capture function. PWM mode of TRDIOD0 select bit Set to 0 (timer mode) in the input capture function. PWMD0 RW RW PWMC0 RW PWM mode of TRDIOB0 select bit Set to 0 (timer mode) in the input capture function. PWM mode of TRDIOC0 select bit Set to 0 (timer mode) in the input capture function. 00 0 b7 b6 b5 b4 b3 b2 — (b3) b1 b0 00 0 PWMB0 |