| データシートサーチシステム |
|
R8C2K データシート(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 278 Page - Renesas Technology Corp |
|
278 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 261 of 450 REJ09B0406-0110 Figure 16.101 TRDPMR Register in PWM Mode Timer RD PWM Mode Register Symbol Address After Reset TRDPMR 0139h 10001000b Bit Symbol Bit Name Function RW b3 b2 — (b3) b1 b0 PWMB0 b7 b6 b5 b4 RW PWMC0 RW PWM mode of TRDIOB0 select bit 0 : Timer mode 1 : PWM mode PWM mode of TRDIOC0 select bit 0 : Timer mode 1 : PWM mode PWM mode of TRDIOD0 select bit 0 : Timer mode 1 : PWM mode PWMD0 RW — PWM mode of TRDIOB1 select bit 0 : Timer mode 1 : PWM mode RW RW Nothing is assigned. If necessary, set to 0. When read, the content is 1. 0 : Timer mode 1 : PWM mode — (b7) — PWMB1 PWMC1 RW Nothing is assigned. If necessary, set to 0. When read, the content is 1. PWM mode of TRDIOC1 select bit 0 : Timer mode 1 : PWM mode PWMD1 PWM mode of TRDIOD1 select bit |