| データシートサーチシステム |
|
R8C2K データシート(PDF) 323 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K データシート(HTML) 323 Page - Renesas Technology Corp |
|
323 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 306 of 450 REJ09B0406-0110 BFC0, BFD0, BFC1, BFD1: Bits in TRDMR register Registers TRDGRC0, TRDGRC1, TRDGRD0, and TRDGRD1 are not used in PWM3 mode. To use them as buffer registers, set bits BFC0, BFC1, BFD0, and BFD1 to 0 (general register) and write a value to the TRDGRC0, TRDGRC1, TRDGRD0, or TRDGRD1 register. After this, bits BFC0, BFC1, BFD0, and BFD1 may be set to 1 (buffer register). Table 16.48 TRDGRji Register Functions in PWM3 Mode Register Setting Register Function PWM Output Pin TRDGRA0 − General register. Set the PWM period. Setting range: Value set in TRDGRA1 register or above TRDIOA0 TRDGRA1 General register. Set the changing point (the active level timing) of PWM output. Setting range: Value set in TRDGRA0 register or below TRDGRB0 General register. Set the changing point (the timing that returns to initial output level) of PWM output. Setting range: Value set in TRDGRB1 register or above Value set in TRDGRA0 register or below TRDIOB0 TRDGRB1 General register. Set the changing point (active level timing) of PWM output. Setting range: Value set in TRDGRB0 register or below TRDGRC0 BFC0 = 0 (These registers is not used in PWM3 mode.) − TRDGRC1 BFC1 = 0 TRDGRD0 BFD0 = 0 TRDGRD1 BFD1 = 0 TRDGRC0 BFC0 = 1 Buffer register. Set the next PWM period. (Refer to 16.4.2 Buffer Operation.) Setting range: Value set in TRDGRC1 register or above TRDIOA0 TRDGRC1 BFC1 = 1 Buffer register. Set the changing point of next PWM output. (Refer to 16.4.2 Buffer Operation.) Setting range: Value set in TRDGRC0 register or below TRDGRD0 BFD0 = 1 Buffer register. Set the changing point of next PWM output. (Refer to 16.4.2 Buffer Operation.) Setting range: Value set in TRDGRD1 register or above, setting value or below in TRDGRC0 register. TRDIOB0 TRDGRD1 BFD1 = 1 Buffer register. Set the changing point of next PWM output. (Refer to 16.4.2 Buffer Operation.) Setting range: Value set in TRDGRD0 register or below |