| データシートサーチシステム |
|
H8S2245 データシート(PDF) 382 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 382 Page - Renesas Technology Corp |
|
382 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 340 of 772 REJ09B0355-0300 Phase counting mode 4: Figure 9.29 shows an example of phase counting mode 4 operation, and table 9.11 summarizes the TCNT up/down-count conditions. Time TCLKA (channel 1) TCLKC (channel 2) TCLKB (channel 1) TCLKD (channel 2) Up-count Down-count TCNT value Figure 9.29 Example of Phase Counting Mode 4 Operation Table 9.11 Up/Down-Count Conditions in Phase Counting Mode 4 TCLKA (Channel 1) TCLKC (Channel 2) TCLKB (Channel 1) TCLKD (Channel 2) Operation High level Low level Up-count Low level High level Don't care High level Low level Down-count High level Low level Don't care Legend: : Rising edge : Falling edge |