データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8S2245 データシート(PDF) 66 Page - Renesas Technology Corp

部品番号 H8S2245
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 データシート(HTML) 66 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 62Page - Renesas Technology Corp H8S2245 Datasheet HTML 63Page - Renesas Technology Corp H8S2245 Datasheet HTML 64Page - Renesas Technology Corp H8S2245 Datasheet HTML 65Page - Renesas Technology Corp H8S2245 Datasheet HTML 66Page - Renesas Technology Corp H8S2245 Datasheet HTML 67Page - Renesas Technology Corp H8S2245 Datasheet HTML 68Page - Renesas Technology Corp H8S2245 Datasheet HTML 69Page - Renesas Technology Corp H8S2245 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 24 of 772
REJ09B0355-0300
Stack Structure: When the program counter (PC) is pushed onto the stack in a subroutine call,
and the PC and condition-code register (CCR) are pushed onto the stack in exception handling,
they are stored as shown in figure 2.3. The extended control register (EXR) is not pushed onto the
stack. For details, see section 4, Exception Handling.
(a) Subroutine Branch
(b) Exception Handling
PC
(16 bits)
CCR
CCR*
PC
(16 bits)
SP
Note: * Ignored when returning.
SP
Figure 2.3 Stack Structure in Normal Mode
(2) Advanced Mode
Address Space: Linear access is provided to a 16-Mbyte maximum address space (architecturally
a maximum 16-Mbyte program area and a maximum 4-Gbyte data area, with a maximum of 4
Gbytes for program and data areas combined).
Extended Registers (En): The extended registers (E0 to E7) can be used as 16-bit registers, or as
the upper 16-bit segments of 32-bit registers or address registers.
Instruction Set: All instructions and addressing modes can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More