| データシートサーチシステム |
|
H8S2245 データシート(PDF) 401 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 401 Page - Renesas Technology Corp |
|
401 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 359 of 772 REJ09B0355-0300 Contention between Buffer Register Write and Input Capture If the input capture signal is generated in the T2 state of a buffer write cycle, the buffer operation takes precedence and the write to the buffer register is not performed. Figure 9.51 shows the timing in this case. Input capture signal Write signal Address φ TCNT Buffer register write cycle T1 T2 N TGR N M M Buffer register Buffer register address Figure 9.51 Contention between Buffer Register Write and Input Capture |