| データシートサーチシステム |
|
H8S2245 データシート(PDF) 440 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 440 Page - Renesas Technology Corp |
|
440 / 818 page ![]() Section 11 Watchdog Timer Rev.3.00 Mar. 26, 2007 Page 398 of 772 REJ09B0355-0300 11.3.2 Interval Timer Operation To use the WDT as an interval timer, clear the WT/ IT bit in TCSR to 0 and set the TME bit to 1. An interval timer interrupt (WOVI) is generated each time TCNT overflows, provided that the WDT is operating as an interval timer, as shown in figure 11.5. This function can be used to generate interrupt requests at regular intervals. TCNT count H'00 Time H'FF WT/ IT = 0 TME = 1 WOVI Overflow Overflow Overflow Overflow Legend: WOVI: Interval timer interrupt request generation WOVI WOVI WOVI Figure 11.5 Interval Timer Operation |