| データシートサーチシステム |
|
H8S2245 データシート(PDF) 448 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 448 Page - Renesas Technology Corp |
|
448 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 406 of 772 REJ09B0355-0300 12.1.3 Pin Configuration Table 12.1 shows the serial pins for each SCI channel. Table 12.1 SCI Pins Channel Pin Name Symbol I/O Function 0 Serial clock pin 0 SCK0 I/O SCI0 clock input/output Receive data pin 0 RxD0 Input SCI0 receive data input Transmit data pin 0 TxD0 Output SCI0 transmit data output 1 Serial clock pin 1 SCK1 I/O SCI1 clock input/output Receive data pin 1 RxD1 Input SCI1 receive data input Transmit data pin 1 TxD1 Output SCI1 transmit data output 2 Serial clock pin 2 SCK2 I/O SCI2 clock input/output Receive data pin 2 RxD2 Input SCI2 receive data input Transmit data pin 2 TxD2 Output SCI2 transmit data output |