| データシートサーチシステム |
|
H8S2245 データシート(PDF) 482 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 482 Page - Renesas Technology Corp |
|
482 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 440 of 772 REJ09B0355-0300 Figure 12.6 shows an example of the operation for transmission in asynchronous mode. TDRE TEND 0 1 frame D0 D1 D7 0/1 1 0 D0 D1 D7 0/1 1 1 1 Data Start bit Parity bit Stop bit Start bit Data Parity bit Stop bit TXI interrupt request generated Data written to TDR and TDRE flag cleared to 0 in TXI interrupt service routine TEI interrupt request generated Idle state (mark state) TXI interrupt request generated Figure 12.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) |