| データシートサーチシステム |
|
H8S2245 データシート(PDF) 488 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 488 Page - Renesas Technology Corp |
|
488 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 446 of 772 REJ09B0355-0300 Clock See the section on asynchronous mode. Transmitting station Receiving station A (ID = 01) Receiving station B (ID = 02) Receiving station C (ID = 03) Receiving station D (ID = 04) Serial transmission line Serial data ID transmission cycle = receiving station specification Data transmission cycle = Data transmission to receiving station specified by ID (MPB = 1) (MPB = 0) H'01 H'AA Legend: MPB: Multiprocessor bit Figure 12.9 Example of Inter-Processor Communication Using Multiprocessor Format (Transmission of Data H'AA to Receiving Station A) Data Transfer Operations Multiprocessor serial data transmission: Figure 12.10 shows a sample flowchart for multiprocessor serial data transmission. The following procedure should be used for multiprocessor serial data transmission. |