| データシートサーチシステム |
|
H8S2245 データシート(PDF) 575 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 575 Page - Renesas Technology Corp |
|
575 / 818 page ![]() Section 16 ROM Rev.3.00 Mar. 26, 2007 Page 533 of 772 REJ09B0355-0300 16.4 PROM Mode 16.4.1 PROM Mode Setting The PROM version of the H8S/2245 Group suspends its microcontroller functions when placed in PROM mode, enabling the on-chip PROM to be programmed. This programming can be done with a PROM programmer set up in the same way as for the HN27C101 EPROM (V PP = 12.5 V). Use of a 100-pin/32-pin socket adapter enables programming with a commercial PROM programmer. Note that the PROM programmer should not be set to page mode as the H8S/2245 Group does not support page programming. Table 16.3 shows how PROM mode is selected. Table 16.3 Selecting PROM Mode Pin Names Setting MD 2, MD1, MD0 Low STBY PA 2, PA1 High 16.4.2 Socket Adapter and Memory Map Programs can be written and verified by attaching a 100-pin/32-pin socket adapter to the PROM programmer. Table 16.4 gives ordering information for the socket adapter, and figure 16.2 shows the wiring of the socket adapter. Figure 16.3 shows the memory map in PROM mode. |