データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8S2245 データシート(PDF) 671 Page - Renesas Technology Corp

部品番号 H8S2245
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 データシート(HTML) 671 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 667Page - Renesas Technology Corp H8S2245 Datasheet HTML 668Page - Renesas Technology Corp H8S2245 Datasheet HTML 669Page - Renesas Technology Corp H8S2245 Datasheet HTML 670Page - Renesas Technology Corp H8S2245 Datasheet HTML 671Page - Renesas Technology Corp H8S2245 Datasheet HTML 672Page - Renesas Technology Corp H8S2245 Datasheet HTML 673Page - Renesas Technology Corp H8S2245 Datasheet HTML 674Page - Renesas Technology Corp H8S2245 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 818 page
background image
Appendix A Instruction Set
Rev.3.00 Mar. 26, 2007 Page 629 of 772
REJ09B0355-0300
Table A.4
Number of Cycles in Instruction Execution
Instruction
Fetch
Branch
Address
Read
Stack
Operation
Byte Data
Access
Word Data
Access
Internal
Operation
Instruction
Mnemonic
I
J
K
L
M
N
ADD
ADD.B #xx:8,Rd
ADD.B Rs,Rd
ADD.W #xx:16,Rd
ADD.W Rs,Rd
ADD.L #xx:32,ERd
ADD.L ERs,ERd
1
1
2
1
3
1
ADDS
ADDS #1/2/4,ERd
1
ADDX
ADDX #xx:8,Rd
ADDX Rs,Rd
1
1
AND
AND.B #xx:8,Rd
AND.B Rs,Rd
AND.W #xx:16,Rd
AND.W Rs,Rd
AND.L #xx:32,ERd
AND.L ERs,ERd
1
1
2
1
3
2
ANDC
AND.B #xx:8,CCR
ANDC #xx:8,EXR
1
2
BAND
BAND #xx:3,Rd
BAND #xx:3,@ERd
BAND #xx:3,@aa:8
BAND #xx:3,@aa:16
BAND #xx:3,@aa:32
1
2
2
3
4
1
1
1
1
Bcc
BRA d:8 (BT d:8)
BRN d:8 (BF d:8)
BHI d:8
BLS d:8
BCC d:8 (BHS d:8)
BCS d:8 (BLO d:8)
BNE d:8
BEQ d:8
BVC d:8
BVS d:8
BPL d:8
BMI d:8
BGE d:8
BLT d:8
BGT d:8
BLE d:8
BRA d:16 (BT d:16)
BRN d:16 (BF d:16)
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More