| データシートサーチシステム |
|
H8S2245 データシート(PDF) 705 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 705 Page - Renesas Technology Corp |
|
705 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 663 of 772 REJ09B0355-0300 MSTPCRH—Module Stop Control Register H H'FF3C Power-Down State MSTPCRL—Module Stop Control Register L H'FF3D Power-Down State 15 0 R/W 14 0 R/W 13 1 R/W 12 1 R/W 11 1 R/W 10 1 R/W 9 1 R/W 8 1 R/W 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 2 1 R/W 1 1 R/W 0 1 R/W MSTPCRH MSTPCRL Specifies module stop mode 0 1 Module stop mode cleared Module stop mode set Bit Initial value Read/Write : : : LPWCR—Low Power Control Register H'FF44 Clock Oscillator 7 — 0 R/W 6 — 0 R/W 5 RFCUT 0 R/W 4 — 0 R/W 3 — 0 R/W 0 — 0 R/W 2 — 0 R/W 1 — 0 R/W Bit Initial value Read/Write : : : Control of Oscillator's Built-In Feedback Resistor in External Clock Input 0 1 Oscillator's built-in feedback resistor and duty adjustment circuit are used Oscillator's built-in feedback resistor and duty adjustment circuit are not used |