| データシートサーチシステム |
|
H8S2245 データシート(PDF) 768 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 768 Page - Renesas Technology Corp |
|
768 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 726 of 772 REJ09B0355-0300 TIOR2—Timer I/O Control Register 2 H'FFF2 TPU2 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W 0 1 TGR2B I/O Control 0 1 * 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 * Legend: *: Don't care 0 1 TGR2A is output compare register TGR2A I/O Control 0 1 * 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 * 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Legend: *: Don't care Bit Initial value Read/Write : : : Output disabled Initial output is 0 output Output disabled Initial output is 1 output TGR2A is input capture register Capture input source is TIOCA2 pin TGR2B is output compare register 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Output disabled Initial output is 0 output Output disabled Initial output is 1 output TGR2B is input capture register Capture input source is TIOCB2 pin |