| データシートサーチシステム |
|
H8S2245 データシート(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 166 Page - Renesas Technology Corp |
|
166 / 818 page ![]() Section 5 Interrupt Controller Rev.3.00 Mar. 26, 2007 Page 124 of 772 REJ09B0355-0300 5.4.4 Interrupt Exception Handling Sequence Figure 5.8 shows the interrupt exception handling sequence. The example shown is for the case where interrupt control mode 0 is set in advanced mode, and the program area and stack area are in on-chip memory. Figure 5.8 Interrupt Exception Handling |