| データシートサーチシステム |
|
H8S2245 データシート(PDF) 213 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 213 Page - Renesas Technology Corp |
|
213 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 171 of 772 REJ09B0355-0300 (3) Relationship between Chip Select ( CS CS CS CS) Signal and Read (RD RD RD RD) Signal Depending on the system's load conditions, the RD signal may lag behind the CS signal. An example is shown in figure 6.22. In this case, with the setting for no idle cycle insertion (a), there may be a period of overlap between the bus cycle A RD signal and the bus cycle B CS signal. Setting idle cycle insertion, as in (b), however, will prevent any overlap between the RD and CS signals. In the initial state after reset release, idle cycle insertion (b) is set. T1 Address bus φ RD Bus cycle A T2 T3 T1 T2 Bus cycle B Possibility of overlap between CS (area B) and RD T1 Address bus φ Bus cycle A T2 T3 TI T1 Bus cycle B T2 CS (area A) CS (area B) RD CS (area A) CS (area B) (a) Idle cycle not inserted (ICIS1 = 0) (b) Idle cycle inserted (Initial value ICIS1 = 1) Figure 6.22 Relationship between Chip Select ( CS CS CS CS) and Read (RD RD RD RD) |