| データシートサーチシステム |
|
H8S2245 データシート(PDF) 305 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 305 Page - Renesas Technology Corp |
|
305 / 818 page ![]() Section 8 I/O Ports Rev.3.00 Mar. 26, 2007 Page 263 of 772 REJ09B0355-0300 Modes 3 and 7 In modes 3 and 7, port D pins function as I/O ports. Input or output can be specified for each pin on an individual bit basis. Setting a PDDDR bit to 1 makes the corresponding port D pin an output port, while clearing the bit to 0 makes the pin an input port. Note: Modes 3 and 7 cannot be used in the H8S/2240. Port D pin functions in modes 3 and 7 are shown in figure 8.20. PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0 Port D (I/O) (I/O) (I/O) (I/O) (I/O) (I/O) (I/O) (I/O) Figure 8.20 Port D Pin Functions (Modes 3 and 7) |