| データシートサーチシステム |
|
H8S2245 データシート(PDF) 328 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 328 Page - Renesas Technology Corp |
|
328 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 286 of 772 REJ09B0355-0300 • Automatic transfer of register data Block transfer, 1-word data transfer, and 1-byte data transfer possible by data transfer controller (DTC) activation • A/D converter conversion start trigger can be generated Channel 2 to 0 compare match A/input capture A signals can be used as A/D converter conversion start trigger • Module stop mode can be set As the initial setting, TPU operation is halted. Register access is enabled by exiting module stop mode. Table 9.1 lists the functions of the TPU. |