| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 750 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 750 Page - Renesas Technology Corp |
|
750 / 1075 page ![]() Section 22 ROM Rev. 3.00 Jan 18, 2006 page 722 of 1044 REJ09B0280-0300 Table 22.13 Programmer Mode Commands Number 1st Cycle 2nd Cycle Command Name of Cycles Mode Address Data Mode Address Data Memory read mode 1 + n Write X H'00 Read RA Dout Auto-program mode 129 Write X H'40 Write WA Din Auto-erase mode 2 Write X H'20 Write X H'20 Status read mode 2 Write X H'71 Write X H'71 Notes: 1. In auto-program mode. 129 cycles are required for command writing by a simultaneous 128-byte write. 2. In memory read mode, the number of cycles depends on the number of address write cycles (n). 22.10.4 Memory Read Mode • After the end of an auto-program, auto-erase, or status read operation, the command wait state is entered. To read memory contents, a transition must be made to memory read mode by means of a command write before the read is executed. • Command writes can be performed in memory read mode, just as in the command wait state. • Once memory read mode has been entered, consecutive reads can be performed. • After power-on, memory read mode is entered. |