| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 929 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 929 Page - Renesas Technology Corp |
|
929 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 901 of 1044 REJ09B0280-0300 STR1—Status Register 1 H'FE3A HIF (LPC) STR2—Status Register 2 H'FE3E HIF (LPC) 7 DBU17 0 R/W R 6 DBU16 0 R/W R 5 DBU15 0 R/W R 4 DBU14 0 R/W R 3 C/ D1 0 R R 0 OBF1 0 R/(W)* R 2 DBU12 0 R/W R 1 IBF1 0 R R Bit Initial value Slave Read/Write Host Read/Write • STR1 7 DBU27 0 R/W R 6 DBU26 0 R/W R 5 DBU25 0 R/W R 4 DBU24 0 R/W R 3 C/ D2 0 R R 0 OBF2 0 R/(W)* R 2 DBU22 0 R/W R 1 IBF2 0 R R Bit Initial value Slave Read/Write Host Read/Write • STR2 Output data register full 0 [Clearing condition] Host reads ODR using I/O read cycle, or slave writes 0 to OBF bit 1 [Setting condition] Slave writes to ODR Input data register full 0 [Clearing condition] Slave reads IDR 1 [Setting condition] Host writes to IDR using I/O write cycle Command/data 0 Input data register (IDR) contents are data 1 Input data register (IDR) contents are a command Note: * Only 0 can be written, to clear the flag. User-defined bits |