| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 1009 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 1009 Page - Renesas Technology Corp |
|
1009 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 981 of 1044 REJ09B0280-0300 KMPCR—Port 6 MOS Pull-Up Control Register H'FFF2 Port 6 7 KM7PCR 0 R/W 6 KM6PCR 0 R/W 5 KM5PCR 0 R/W 4 KM4PCR 0 R/W 3 KM3PCR 0 R/W 0 KM0PCR 0 R/W 2 KM2PCR 0 R/W 1 KM1PCR 0 R/W Bit Initial value Read/Write Control the port 6 built-in MOS input pull-ups Note: KMPCR has the same address as TICRR/TCORAY of TMRX/TMRY. To select KMPCR, set the HIE bit to 1 in SYSCR. IDR1—Input Data Register 1 H'FFF4 HIF (XBS) IDR2—Input Data Register 2 H'FFFC HIF (XBS) 7 IDR7 — R W 6 IDR6 — R W 5 IDR5 — R W 4 IDR4 — R W 3 IDR3 — R W 0 IDR0 — R W 2 IDR2 — R W 1 IDR1 — R W Bit Initial value Slave R/W Host R/W Stores host data bus contents at rise of IOW when CS is low ODR1—Output Data Register 1 H'FFF5 HIF (XBS) ODR2—Output Data Register 2 H'FFFD HIF (XBS) 7 ODR7 — R/W R 6 ODR6 — R/W R 5 ODR5 — R/W R 4 ODR4 — R/W R 3 ODR3 — R/W R 0 ODR0 — R/W R 2 ODR2 — R/W R 1 ODR1 — R/W R Bit Initial value Slave R/W Host R/W ODR contents are output to the host data bus when HA0 is low, CS is low, and IOR is low |