| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 1015 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 1015 Page - Renesas Technology Corp |
|
1015 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 987 of 1044 REJ09B0280-0300 TCONRO—Timer Connection Register O H'FFFD Timer Connection Bit Initial value Read/Write 7 HOE 0 R/W 6 VOE 0 R/W 5 CLOE 0 R/W 4 CBOE 0 R/W 3 HOINV 0 R/W 0 CBOINV 0 R/W 2 VOINV 0 R/W 1 CLOINV 0 R/W Output synchronization signal inversion 0 The CBLANK signal is used directly as the CBLANK output 1 The CBLANK signal is inverted before use as the CBLANK output Output synchronization signal inversion 0 The CLO signal (CL1, CL2, CL3, or CL4 signal) is used directly as the CLAMPO output 1 The CLO signal (CL1, CL2, CL3, or CL4 signal) is inverted before use as the CLAMPO output Output synchronization signal inversion 0 The IVO signal is used directly as the VSYNCO output 1 The IVO signal is inverted before use as the VSYNCO output Output synchronization signal inversion 0 The IHO signal is used directly as the HSYNCO output 1 The IHO signal is inverted before use as the HSYNCO output Output enable 0 The P27/A15/PW15/CBLANK pin functions as the P27/A15/PW15 pin 1 In mode 1 (expanded mode with on-chip ROM disabled): The P27/A15/PW15/CBLANK pin functions as the A15 pin In modes 2 and 3 (expanded modes with on-chip ROM enabled): The P27/A15/PW15/CBLANK pin functions as the CBLANK pin Output enable 0 The P64/FTIC/ KIN4/CIN4/CLAMPO pin functions as the P64/FTIC/KIN4/CIN4 pin 1 The P64/FTIC/ KIN4/CIN4/CLAMPO pin functions as the CLAMPO pin Output enable 0 The P61/FTOA/ KIN1/CIN1/VSYNCO pin functions as the P61/FTOA/KIN1/CIN1 pin 1 The P61/FTOA/ KIN1/CIN1/VSYNCO pin functions as the VSYNCO pin Output enable 0 The P44/TMO1/HIRQ1/HSYNCO pin functions as the P44/TMO1/HIRQ1 pin 1 The P44/TMO1/HIRQ1/HSYNCO pin functions as the HSYNCO pin |