| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 1020 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 1020 Page - Renesas Technology Corp |
|
1020 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 992 of 1044 REJ09B0280-0300 PEODR—Port E Output Data Register H'FE48 Port E 7 PE7ODR 0 R/W 6 PE6ODR 0 R/W 5 PE5ODR 0 R/W 4 PE4ODR 0 R/W 3 PE3ODR 0 R/W 0 PE0ODR 0 R/W 2 PE2ODR 0 R/W 1 PE1ODR 0 R/W Bit Initial value Read/Write Store output data for pins on port E PFODR—Port F Output Data Register H'FE49 Port F 7 PF7ODR 0 R/W 6 PF6ODR 0 R/W 5 PF5ODR 0 R/W 4 PF4ODR 0 R/W 3 PF3ODR 0 R/W 0 PF0ODR 0 R/W 2 PF2ODR 0 R/W 1 PF1ODR 0 R/W Bit Initial value Read/Write Store output data for pins on port F PEPIN—Port E Input Data Register H'FE4A (R) Port E 7 PE7PIN —* R 6 PE6PIN —* R 5 PE5PIN —* R 4 PE4PIN —* R 3 PE3PIN —* R 0 PE0PIN —* R 2 PE2PIN —* R 1 PE1PIN —* R Bit Initial value Read/Write Return the pin state on port E Note: * Determined by the state of pins PE7 to PE0. PEDDR—Port E Data Direction Register H'FE4A (W) Port E 7 PE7DDR 0 W 6 PE6DDR 0 W 5 PE5DDR 0 W 4 PE4DDR 0 W 3 PE3DDR 0 W 0 PE0DDR 0 W 2 PE2DDR 0 W 1 PE1DDR 0 W Bit Initial value Read/Write Select input or output for the pins of port E |