| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 1066 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 1066 Page - Renesas Technology Corp |
|
1066 / 1075 page ![]() Appendix D Pin States Rev. 3.00 Jan 18, 2006 page 1038 of 1044 REJ09B0280-0300 Appendix D Pin States D.1 Port States in Each Processing State Table D.1 I/O Port States in Each Processing State Port Name Pin Name MCU Operating Mode Reset Hardware Standby Mode Software Standby Mode Watch Mode Sleep Mode Sub- sleep Mode Subactive Mode Program Execution State 1L T kept* kept* kept* kept* A7 to A0 A7 to A0 Port 1 A7 to A0 2, 3 (EXPE = 1) T Address output/ input port Address output/ input port 2, 3 (EXPE = 0) I/O port I/O port 1L T kept* kept* kept* kept* A15 to A8 A15 to A8 Port 2 A15 to A8 2, 3 (EXPE = 1) T Address output/ input port Address output/ input port 2, 3 (EXPE = 0) I/O port I/O port 1 T T T T T T D15 to D8 D15 to D8 Port 3 D15 to D8 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) kept kept kept kept I/O port I/O port Port 4 1 T T kept kept kept kept I/O port I/O port 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) Port 5 1 T T kept kept kept kept I/O port I/O port 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) Port 6 1 T T kept kept kept kept I/O port I/O port 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) Port 7 1 T T T T T T Input port Input port 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) Port 8 1 T T kept kept kept kept I/O port I/O port 2, 3 (EXPE = 1) 2, 3 (EXPE = 0) 1 T T T/kept T/kept T/kept T/kept Port 97 WAIT 2, 3 (EXPE = 1) WAIT/ I/O port WAIT/ I/O port 2, 3 (EXPE = 0) kept kept kept kept I/O port I/O port |