| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 594 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 594 Page - Renesas Technology Corp |
|
594 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 542 of 1102 REJ09B0294-0100 (b) Example of input capture operation Figure 10.9 shows an example of input capture operation. In this example, both rising and falling edges have been selected as the TIOCA pin input capture input edge, falling edge has been selected as the TIOCB pin input capture input edge, and counter clearing by TGRB input capture has been designated for TCNT. TCNT value H'0180 H'0000 TIOCA TGRA Time H'0010 H'0005 Counter cleared by TIOCB input (falling edge) H'0160 H'0005 H'0160 H'0010 TGRB H'0180 TIOCB Figure 10.9 Example of Input Capture Operation |