| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 596 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 596 Page - Renesas Technology Corp |
|
596 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 544 of 1102 REJ09B0294-0100 (2) Example of Synchronous Operation Figure 10.11 shows an example of synchronous operation. In this example, synchronous operation and PWM mode 1 have been designated for channels 0 to 2, TGRB_0 compare match has been set as the channel 0 counter clearing source, and synchronous clearing has been set for the channel 1 and 2 counter clearing source. Three-phase PWM waveforms are output from pins TIOCA0, TIOCA1, and TIOCA2. At this time, synchronous presetting and synchronous clearing by TGRB_0 compare match are performed for channel 0 to 2 TCNT counters, and the data set in TGRB_0 is used as the PWM cycle. For details on PWM modes, see section 10.4.5, PWM Modes. TCNT_0 to TCNT_2 values H'0000 TIOCA_0 TIOCA_1 TGRB_0 Synchronous clearing by TGRB_0 compare match TGRA_2 TGRA_1 TGRB_2 TGRA_0 TGRB_1 TIOCA_2 Time Figure 10.11 Example of Synchronous Operation |