| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 332 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 332 Page - Renesas Technology Corp |
|
332 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 280 of 1102 REJ09B0294-0100 Some DRAMs with the self-refresh mode have a given time between cancellation of the self- refresh mode and the subsequent command issued cycle. From one to seven of precharge cycles immediately after cancellation of the self-refresh mode can be inserted. Normal precharge is also performed according to bits TPC1 and TPC0 in DRACCR. Set the precharge time including the normal precharge so that the precharge time immediately after a self-refresh cycle is optimal. Figure 6.80 shows a timing example when one precharge cycle is added. T r TR p1 TR c2 TR c3 T c1 T c2 T p Address bus Software standby SDRAM space write Data bus SD φ CS Precharge-sel RAS CAS WE PALL ACTV WRITE NOP NOP DQMUU, DQMUL DQMLU, DQMLL CKE BS RD/ WR Figure 6.80 Timing Example when 1 Precharge Cycle Added (TPC2 to TPC0 = H'1, TPC1 = 0, TPC0 = 0) |