| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 55 Page - Renesas Technology Corp |
|
55 / 1158 page ![]() Section 1 Overview Rev.1.00 Jun. 07, 2006 Page 3 of 1102 REJ09B0294-0100 1.3 Pin Assignments 1.3.1 Pin Assignments FP-144L (top view) Note: * This is an on-chip emulator enable pin. Drive this pin low for the connection in normal operating mode. When this pin is driven high, the on-chip emulation function is enabled and pins P62, P63, P64, P65, and WDTOVF are dedicated to the on-chip emulator. For details on a connection example with the E10A, refer to the E10A Emulator User's Manual. 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 PH6/D6 PH5/D5 PH4/D4 VSS PH3/D3 PH2/D2 PH1/D1 PH0/D0 VCC P34/PO12/TIOCA1/ TEND1-B P33/PO11/TIOCC0/TIOCD0/TCLKB-A/ DREQ1-B NMI P27/PO7/TIOCA5/TIOCB5 P26/PO6/TIOCA5/TMO1/TxD1 P32/PO10/TIOCC0/TCLKA-A/ DACK0-B P31/PO9/TIOCA0/TIOCB0/ TEND0-B P30/PO8/TIOCA0/ DREQ0-B P25/PO5/TIOCA4/TMCI1/RxD1 P24/PO4/TIOCA4/TIOCB4/TMRI1/SCK1 P23/PO3/TIOCC3/TIOCD3/ IRQ11-A P22/PO2/TIOCC3/TMO0/TxD0/ IRQ10-A P21/PO1/TIOCA3/TMCI0/RxD0/ IRQ9-A VCC P20/PO0/TIOCA3/TIOCB3/TMRI0/SCK0/ IRQ8-A VSS MD_CLK VBUS DrVSS USD- USD+ DrVCC PM4 PM3 EMLE* PD0/A0 PD1/A1 P62/TMO2/SCK4/ DACK2/IRQ10-B/TRST PLLVCC P63/TMRI3/ DREQ3/IRQ11-B/TMS PLLVSS P64/TMCI3/ TEND3/TDI P65/TMO3/ DACK3/TCK MD0 PC2/ LUCAS/DQMLU PC3/ LLCAS/DQMLL P50/AN0/ IRQ0-B P51/AN1/ IRQ1-B P52/AN2/ IRQ2-B AVCC P53/AN3/ IRQ3-B AVSS P54/AN4/ IRQ4-B Vref P55/AN5/ IRQ5-B P56/AN6/DA0/ IRQ6-B P57/AN7/DA1/ IRQ7-B MD1 PB4/ CS4-B/WE PB5/ OE/CKE PB6/ CS6-D/(RD/WR-B) MD3 PA0/ BREQO/BS-A PA1/ BACK/(RD/WR-A) PA2/ BREQ/WAIT PA3/ LLWR/LLB PA4/ LHWR/LUB PA5/ RD PA6/ AS/AH/BS-B VSS PA7/B φ VCC PB0/ CS0/CS4-A/CS5-B 88 87 86 85 84 1 2 3 4 5 6 7 8 9 10111213141516 171819 20 21 22 2324 25 26 27 28 29 30 31 32 33 34 35 36 83 82 81 80 79 78 77 76 75 74 73 Figure 1.2 Pin Assignments |