| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 22 Page - Renesas Technology Corp |
|
22 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxii of lii 15.6.4 Serial Data Reception (Clocked Synchronous Mode) (SCI_0, 1, 2, and 4 only)....................................................................................... 719 15.6.5 Simultaneous Serial Data Transmission and Reception (Clocked Synchronous Mode) (SCI_0, 1, 2, and 4 only)...................................... 720 15.7 Operation in Smart Card Interface Mode........................................................................... 722 15.7.1 Sample Connection ............................................................................................... 722 15.7.2 Data Format (Except in Block Transfer Mode) .................................................... 723 15.7.3 Block Transfer Mode ............................................................................................ 724 15.7.4 Receive Data Sampling Timing and Reception Margin ....................................... 725 15.7.5 Initialization.......................................................................................................... 726 15.7.6 Data Transmission (Except in Block Transfer Mode) .......................................... 727 15.7.7 Serial Data Reception (Except in Block Transfer Mode) ..................................... 730 15.7.8 Clock Output Control............................................................................................ 731 15.8 IrDA Operation .................................................................................................................. 733 15.9 Interrupt Sources................................................................................................................ 736 15.9.1 Interrupts in Normal Serial Communication Interface Mode ............................... 736 15.9.2 Interrupts in Smart Card Interface Mode .............................................................. 737 15.10 Usage Notes ....................................................................................................................... 739 15.10.1 Module Stop State Setting .................................................................................... 739 15.10.2 Break Detection and Processing ........................................................................... 739 15.10.3 Mark State and Break Detection ........................................................................... 739 15.10.4 Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only) ..................................................................... 739 15.10.5 Relation between Writing to TDR and TDRE Flag .............................................. 740 15.10.6 Restrictions on Using DTC or DMAC.................................................................. 740 15.10.7 SCI Operations during Power-Down State ........................................................... 741 15.11 CRC Operation Circuit ...................................................................................................... 744 15.11.1 Features................................................................................................................. 744 15.11.2 Register Descriptions ............................................................................................ 745 15.11.3 CRC Operation Circuit Operation ........................................................................ 747 15.11.4 Note on CRC Operation Circuit............................................................................ 750 Section 16 USB Function Module (USB) ......................................................... 751 16.1 Features.............................................................................................................................. 751 16.2 Input/Output Pins ............................................................................................................... 752 16.3 Register Descriptions ......................................................................................................... 753 16.3.1 Interrupt Flag Register 0 (IFR0) ........................................................................... 754 16.3.2 Interrupt Flag Register 1 (IFR1) ........................................................................... 756 16.3.3 Interrupt Flag Register 2 (IFR2) ........................................................................... 757 16.3.4 Interrupt Select Register 0 (ISR0)......................................................................... 759 |