| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 80 Page - Renesas Technology Corp |
|
80 / 1158 page ![]() Section 2 CPU Rev.1.00 Jun. 07, 2006 Page 28 of 1102 REJ09B0294-0100 H'00000000 H'00000003 H'00000004 Exception vector table Reset exception vector H'00000007 H'00000001 H'00000002 H'00000005 H'00000006 Figure 2.6 Exception Vector Table (Maximum Modes) The memory indirect (@@aa:8) and extended memory indirect (@@vec:7) addressing modes are used in the JMP and JSR instructions. An 8-bit absolute address included in the instruction code specifies a memory location. Execution branches to the contents of the memory location. In maximum mode, an operand is a 32-bit (longword) operand, providing a 32-bit branch address. • Stack Structure The stack structure of PC at a subroutine branch and that of PC and CCR at an exception handling are shown in figure 2.7. The PC contents are saved or restored in 32-bit units. The EXR contents are saved or restored regardless of whether or not EXR is in use. (a) Subroutine Branch (b) Exception Handling PC (32 bits) EXR CCR PC (32 bits) SP SP Figure 2.7 Stack Structure (Maximum Mode) |