| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 410 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 410 Page - Renesas Technology Corp |
|
410 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 358 of 1102 REJ09B0294-0100 Figure 7.16 shows examples when the extended repeat area function is used in block transfer mode. External memory Area specified by DSAR 1st block transfer 2nd block transfer H'23FFFE H'23FFFF H'240000 H'240001 H'240002 H'240003 H'240004 H'240005 H'240006 H'240007 H'240008 H'240009 H'240000 H'240001 H'240002 H'240003 H'240004 H'240005 H'240006 H'240007 H'240000 H'240001 H'240002 H'240003 H'240004 H'240000 H'240001 H'240005 H'240006 H'240007 Interrupt request generated Block transfer continued When the are represented by the lower three bits (eight bytes) of DSAR are specified as the extended repeat area (SARA4 to SARA0 = 3) and the block size in block transfer mode is specified to 5 (bits 23 to 16 in DTCR = 5). Figure 7.16 Example of Extended Repeat Area Function in Block Transfer Mode |