| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 462 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 462 Page - Renesas Technology Corp |
|
462 / 1158 page ![]() Section 8 Data Transfer Controller (DTC) Rev.1.00 Jun. 07, 2006 Page 410 of 1102 REJ09B0294-0100 Start Match & RRS = 1 Not match | RRS = 0 Next transfer Read transfer information Transfer data Update transfer information Update the start address of transfer information Write transfer information CHNE = 1 Transfer counter = 0 or DISEL = 1 Clear activation source flag End CHNS = 0 Transfer counter = 0 DISEL = 1 Clear DTCER/request an interrupt to the CPU No No No No No Yes Yes Yes Yes Yes Vector number comparison Read DTC vector Figure 8.4 Flowchart of DTC Operation |