| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 507 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 507 Page - Renesas Technology Corp |
|
507 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 455 of 1102 REJ09B0294-0100 (2) P64/TMCI3/ TEND3/TDI The pin function is switched as shown below according to the combination of the DMAC register setting and P64DDR bit setting. Setting DMAC I/O Port Module Name Pin Function TEND3_OE P64DDR DMAC TEND3 output 1 I/O port P64 output 0 1 P64 input (initial setting) 0 0 (3) P63/TMRI3/ DREQ3/IRQ11-B/TMS The pin function is switched as shown below according to the P63DDR bit setting. Setting I/O Port Module Name Pin Function P63DDR I/O port P63 output 1 P63 input (initial setting) 0 |