| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 546 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 546 Page - Renesas Technology Corp |
|
546 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 494 of 1102 REJ09B0294-0100 9.3.9 Port Function Control Register C (PFCRC) PFCRC selects input pins for IRQ7 to IRQ0. Bit Bit Name Initial Value R/W 7 ITS7 0 R/W 6 ITS6 0 R/W 5 ITS5 0 R/W 4 ITS4 0 R/W 3 ITS3 0 R/W 2 ITS2 0 R/W 1 ITS1 0 R/W 0 ITS0 0 R/W Bit Bit Name Initial Value R/W Description 7 ITS7 0 R/W IRQ7 Pin Select Selects an input pin for IRQ7. 0: Selects pin P17 as IRQ7-A input 1: Selects pin P57 as IRQ7-B input 6 ITS6 0 R/W IRQ6 Pin Select Selects an input pin for IRQ6. 0: Selects pin P16 as IRQ6-A input 1: Selects pin P56 as IRQ6-B input 5 ITS5 0 R/W IRQ5 Pin Select Selects an input pin for IRQ5. 0: Selects pin P15 as IRQ5-A input 1: Selects pin P55 as IRQ5-B input 4 ITS4 0 R/W IRQ4 Pin Select Selects an input pin for IRQ4. 0: Selects pin P14 as IRQ4-A input 1: Selects pin P54 as IRQ4-B input 3 ITS3 0 R/W IRQ3 Pin Select Selects an input pin for IRQ3. 0: Selects pin P13 as IRQ3-A input 1: Selects pin P53 as IRQ3-B input |